PART |
Description |
Maker |
LT1363CS8TRPBF |
70MHz, 1000V/µs Op Amp; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 2000 uV OFFSET-MAX, 50 MHz BAND WIDTH, PDSO8
|
Linear Technology, Corp.
|
AD708 AD708SH/883B AD708JGRADECHIPS AD708SGRADECHI |
Ultralow Offset Voltage Dual Op Amp Ultralow Offset Voltage Dual Op Amp DUAL OP-AMP, 65 uV OFFSET-MAX, 0.9 MHz BAND WIDTH, MBCY8 Ultralow Offset Voltage Dual Op Amp DUAL OP-AMP, 65 uV OFFSET-MAX, 0.9 MHz BAND WIDTH, CDIP8
|
ANALOG DEVICES INC Analog Devices, Inc.
|
LT1208CS8PBF LT1230CS14 LT1125MJ14 LT1127MJ14 LT12 |
Dual and Quad 45MHz, 400V/µs Op Amps; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C DUAL OP-AMP, 3000 uV OFFSET-MAX, 45 MHz BAND WIDTH, PDSO8 QUAD OP-AMP, 10000 uV OFFSET-MAX, 100 MHz BAND WIDTH, PDSO14 QUAD OP-AMP, 140 uV OFFSET-MAX, 12.5 MHz BAND WIDTH, CDIP14 QUAD OP-AMP, 140 uV OFFSET-MAX, 45 MHz BAND WIDTH, CDIP14 QUAD OP-AMP, 10000 uV OFFSET-MAX, 100 MHz BAND WIDTH, CDIP14 QUAD OP-AMP, 90 uV OFFSET-MAX, 12.5 MHz BAND WIDTH, CDIP14
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
OP07D OP07DN OP07DR-REEL OP07DR-REEL7 OP07DR OP07D |
Ultralow Offset Voltage Operational Amplifier; Package: SOIC 150 MIL; No of Pins: 8; Temperature Range: Industrial OP-AMP, 350 uV OFFSET-MAX, 0.6 MHz BAND WIDTH, PDSO8 150 μV Maximum Offset Voltage Op Amp 150 渭V Maximum Offset Voltage Op Amp 150 レV Maximum Offset Voltage Op Amp
|
Analog Devices, Inc.
|
OPA675JGQ |
OP-AMP, 2000 uV OFFSET-MAX, CDIP16
|
|
OP42 OP-42GS OP-42 OP-42AJ OP-42ARC_883 OP-42AZ OP |
High Speed, Fast Setting Precision Operational Amplifier High Speed, Fast Settling Precision Operational Amplitier High Speed, Fast Settling Precision Operational Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: TBD OP-AMP, 6000 uV OFFSET-MAX, 10 MHz BAND WIDTH, PDSO8 High Speed, Fast Settling Precision Operational Amplifier; Package: LCC; No of Pins: 20; Temperature Range: Industrial OP-AMP, 2000 uV OFFSET-MAX, 10 MHz BAND WIDTH, CQCC20 High Speed, Fast Settling Precision Operational Amplifier; Package: CerDIP; No of Pins: 8; Temperature Range: Industrial OP-AMP, 2000 uV OFFSET-MAX, 10 MHz BAND WIDTH, CDIP8 High Speed, Fast Settling Precision Operational Amplifier; Package: Header; No of Pins: 8; Temperature Range: Industrial OP-AMP, 2000 uV OFFSET-MAX, 10 MHz BAND WIDTH, MBCY8 HIGH SPEED / FAST SETTLING PRECISION OPERATIONAL AMPLIFIER ER 8C 8#12 PIN RECP WALL OP-AMP, 2000 uV OFFSET-MAX, 10 MHz BAND WIDTH, CQCC20 High Speed Fast Settling Precision Operational Amplifier(596.41 k) 高速精密快速沉降运算放大器96.41十一
|
Analog Devices, Inc. AD[Analog Devices]
|
K3554E |
OP-AMP, 2000 uV OFFSET-MAX, 90 MHz BAND WIDTH, MBFM8
|
MS KENNEDY CORP
|
LT10081 LT1008MH LT1008CN8PBF LT1008IN8 LT1008CJ8 |
Picoamp Input Current, Microvolt Offset, Low Noise Op Amp; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 250 uV OFFSET-MAX, PDIP8
|
Linear Technology, Corp.
|
ADA4817-1ARDZ ADA4817-1ARDZ-R7 |
OP-AMP, 2000 uV OFFSET-MAX, 410 MHz BAND WIDTH, PDSO8 ROHS COMPLIANT, MS-012AA, SOIC-8
|
Analog Devices, Inc.
|
HFA3-0002-5 HFA3-0002-9 HFA9P0002-5 HFA9P0002-9 HF |
Low Noise Wideband Operational Amplifier OP-AMP, 2000 uV OFFSET-MAX, 1000 MHz BAND WIDTH, CDIP8
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
LT1464A LT1464 146465F LT1464CS8TRPBF |
Dual/Quad Micropower, 1MHz C-Load Picoampere Bias Current JFET Input Op Amps; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C DUAL OP-AMP, 1400 uV OFFSET-MAX, 0.87 MHz BAND WIDTH, PDSO8 From old datasheet system Dual Low Power 1MHz JFET Input Op Amp
|
Linear Technology, Corp.
|
|